PART |
Description |
Maker |
IRFG5110 IRFG5110P IRFG5110N IRFG5110-15 |
Simple Drive Requirements 100V, Combination 2N-2P-CHANNEL -100V Single P-Channel Hi-Rel MOSFET in a MO-036AB package 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
IRF5NJ9540 IRF5NJB9540 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package SURFACE MOUNT (SMD-0.5) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
FDC8602 |
Dual N-Channel PowerTrench? MOSFET 100 V, 1.2 A, 350 mΩ 100V Dual N-Channel PowerTrenchMOSFET
|
Fairchild Semiconductor
|
IRF5Y9540CM |
-100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
AON6850 |
100V Dual N-Channel MOSFET
|
Alpha & Omega Semiconductors
|
AO4886 |
100V Dual N-Channel MOSFET
|
Alpha & Omega Semiconductor...
|
IRFG6110 JANTXV2N7336 JANTX2N7336 IRFG6110N |
100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package POWER MOSFET THRU-HOLE (MO-036AB)
|
IRF[International Rectifier]
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
JANTXV2N6845 2N6845 JANTX2N6845 |
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A) 功率MOSFET P沟道BVdss \u003d- 100V的,的Rds(on)\u003d 0.60ohm,身份证\u003d- 4.0a上) POWER MOSFET P-CHANNEL(BVdss=-100V/ Rds(on)=0.60ohm/ Id=-4.0A) Dual Wide-Bandwidth High-Output-Drive Op Amp w/Shutdown 14-PDIP -40 to 125
|
International Rectifier, Corp. IRF[International Rectifier]
|
FQD19N10L FQU19N10L FQD19N10LTF FQD19N10LTM |
GIGATRUE CAT6 UNIVERSAL JACK, WHITE 100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FQB19N10L FQI19N10L FQB19N10LTM |
100V Logic N-Channel MOSFET(漏源电压00V的逻辑N沟道增强型MOS场效应管) 19 A, 100 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 100V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQH70N10 |
100V N-Channel Q-FET FQH70N10 100V N-Channel MOSFET FQH70N10 100V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|